| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 214 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 214 Page - PMC-Sierra, Inc |
|
214 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 200 TDRRQR[15:0]: The transmit packet descriptor reference (TPDR) ready queue read bits (TDRRQR[15:0]) define bits 17 to 2 of the Transmit Packet Descriptor Reference Ready Queue read pointer. This register is initialised by the host. The physical read address in the TDRF queue is the sum of TDRRQR[15:0] left shifted by 2 bits with the TQB[31:0] bits in the TMAC Transmit Queue Base register. |