Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM7366-PI Fiches technique(PDF) 14 Page - PMC-Sierra, Inc

No de pièce PM7366-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PMC [PMC-Sierra, Inc]
Site Internet  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7366-PI Fiches technique(HTML) 14 Page - PMC-Sierra, Inc

Back Button PM7366-PI Datasheet HTML 10Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 11Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 12Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 13Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 14Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 15Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 16Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 17Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 18Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 286 page
background image
RELEASED
PM7366 FREEDM-8
DATA SHEET
PMC-1970930
ISSUE 4
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
·
Single-chip Peripheral Component Interconnect (PCI) Bus multi-channel HDLC controller.
·
Supports up to 128 bi-directional HDLC channels assigned to a maximum of 8 channelised T1
or E1 links. The number of time-slots assigned to an HDLC channel is programmable from 1
to 24 (for T1) and from 1 to 31 (for E1).
·
Supports up to 8 bi-directional HDLC channels each assigned to an unchannelised arbitrary
rate link; subject to a maximum aggregate link clock rate of 64 MHz in each direction.
Channels assigned to links 0 to 2 can have a clock rate of up 52 MHz when SYSCLK is at 33
MHz. Channels assigned to links 3 to 7 can have a clock rate of up to 10 MHz.
·
Supports up to two bi-directional HDLC Channels each assigned to an unchannelised arbitrary
rate link of up to 52 MHz when SYSCLK is at 33 MHz.
·
Supports a mix of up to 8 channelised and unchannelised links; subject to the constraint of a
maximum of 128 channels and a maximum aggregate link clock rate of 64 MHz in each
direction.
·
For each channel, the HDLC receiver performs flag sequence detection, bit de-stuffing, and
frame check sequence validation. The receiver supports the validation of both CRC-CCITT
and CRC-32 frame check sequences. The receiver also checks for packet abort sequences,
octet aligned packet length and for minimum and maximum packet length.
·
Alternatively, for each channel, the receiver supports a transparent mode where each octet is
transferred transparently to host memory. For channelised links, the octets are aligned with
the receive time-slots.
·
For each channel, time-slots are selectable to be in 56 kbits/s format or 64 kbits/s clear
channel format.
·
For each channel, the HDLC transmitter performs flag sequence generation, bit stuffing, and,
optionally, frame check sequence generation. The transmitter supports the generation of
both CRC-CCITT and CRC-32 frame check sequences. The transmitter also aborts packets
under the direction of the host or automatically when the channel underflows.
·
Supports two levels of non-preemptive packet priority on each transmit channel. Low priority
packets will not begin transmission until all high priority packets are transmitted.
·
Alternatively, for each channel, the transmitter supports a transparent mode where each octet
is inserted transparently from host memory. For channelised links, the octets are aligned with
the transmit time-slots.
·
Directly supports a 32-bit, 33 MHz PCI 2.1 interface for configuration, monitoring and transfer
of packet data, with an on-chip DMA controller with scatter/gather capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More