Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM7366-PI Fiches technique(PDF) 94 Page - PMC-Sierra, Inc

No de pièce PM7366-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PMC [PMC-Sierra, Inc]
Site Internet  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7366-PI Fiches technique(HTML) 94 Page - PMC-Sierra, Inc

Back Button PM7366-PI Datasheet HTML 90Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 91Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 92Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 93Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 94Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 95Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 96Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 97Page - PMC-Sierra, Inc PM7366-PI Datasheet HTML 98Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 286 page
background image
RELEASED
PM7366 FREEDM-8
DATA SHEET
PMC-1970930
ISSUE 4
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
81
RPQSFE:
The receive packet descriptor small buffer free queue cache read interrupt enable bit
(RPQSFE) enables receive packet descriptor small free queue cache read interrupts to the
PCI host. When RPQSFE is set high, reading a programmable number of RPDR blocks from
the RPDR Small Buffer Free Queue will cause an interrupt to be generated on the PCIINTB
output. Interrupts are masked when RPQSFE is set low. However, the RPQSFI bit remains
valid when interrupts are disabled and may be polled to detect RPDR small buffer free queue
cache read events.
RPQLFE:
The receive packet descriptor large buffer free queue cache read interrupt enable bit
(RPQLFE) enables receive packet descriptor large free queue cache read interrupts to the
PCI host. When RPQLFE is set high, reading a programmable number of RPDR blocks from
the RPDR Large Buffer Free Queue will cause an interrupt to be generated on the PCIINTB
output. Interrupts are masked when RPQLFE is set low. However, the RPQLFI bit remains
valid when interrupts are disabled and may be polled to detect RPDR large buffer free queue
cache read events.
RPQRDYE:
The receive packet descriptor ready queue write interrupt enable bit (RPQRDYE) enables
receive packet descriptor ready queue write interrupts to the PCI host. When RPQRDYE is
set high, writing a programmable number of RPDRs to the RPDR Ready Queue will cause an
interrupt to be generated on the PCIINTB output. Interrupts are masked when RPQRDYE is
set low. However, the RPQRDYI bit remains valid when interrupts are disabled and may be
polled to detect RPDR ready queue write events.
RPDFQEE:
The receive packet descriptor free queue error interrupt enable bit (RPDFQEE) enables
receive packet descriptor free queue error interrupts to the PCI host. When RPDFQEE is set
high, attempts to retrieve an RPDR when both the large buffer and small buffer free queues
are empty will cause an interrupt to be generated on the PCIINTB output. Interrupts are
masked when RPDFQEE is set low. However, the RPDFQEI bit remains valid when interrupts
are disabled and may be polled to detect RPDR free queue empty error events.
RPDRQEE:
The receive packet descriptor ready queue error interrupt enable bit (RPDRQEE) enables
receive packet descriptor ready queue error interrupts to the PCI host. When RPDRQEE is
set high, attempts to write an RPDR when ready queue is ready full will cause an interrupt to
be generated on the PCIINTB output. Interrupts are masked when RPDRQEE is set low.
However, the RPDRQEI bit remains valid when interrupts are disabled and may be polled to
detect RPDR ready queue full error events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More