| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7366-PI Fiches technique(PDF) 54 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7366-PI Fiches technique(HTML) 54 Page - PMC-Sierra, Inc |
|
54 / 286 page ![]() RELEASED PM7366 FREEDM-8 DATA SHEET PMC-1970930 ISSUE 4 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 41 The Receive Buffer Size and Data Buffer Start Address fields are written only by the host. The RMAC reads these fields to determine where to store packet data. All other fields are written only by the RMAC. Receive Packet Descriptor Table The Receive Packet Descriptor Table resides in host memory and stores all the RPDs. The RPD Table can contain a maximum of 16384 RPDs. The base of the RPD table is user programmable using the Rx Packet Descriptor Table Base (RPDTB) register. The table is indexed by a Receive Packet Descriptor Reference (RPDR) which is a 14-bit pointer defining the offset of a RPD from the table base. Thus, as shown in the following diagram, a RPD can be located by adding the RPDR to the Rx Packet Descriptor Table Base register. |