Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM69 Fiches technique(PDF) 29 Page - Texas Instruments

No de pièce AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM69 Fiches technique(HTML) 29 Page - Texas Instruments

Back Button AM69 Datasheet HTML 25Page - Texas Instruments AM69 Datasheet HTML 26Page - Texas Instruments AM69 Datasheet HTML 27Page - Texas Instruments AM69 Datasheet HTML 28Page - Texas Instruments AM69 Datasheet HTML 29Page - Texas Instruments AM69 Datasheet HTML 30Page - Texas Instruments AM69 Datasheet HTML 31Page - Texas Instruments AM69 Datasheet HTML 32Page - Texas Instruments AM69 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
C25
DDR3_CKE0
DDR3_CKE0
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
G24
DDR3_CKE1
DDR3_CKE1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
G23
DDR3_CSn0_0
DDR3_CSn0_0
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
G25
DDR3_CSn0_1
DDR3_CSn0_1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
F25
DDR3_CSn1_0
DDR3_CSn1_0
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
E24
DDR3_CSn1_1
DDR3_CSn1_1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
E18
DDR3_DM0
DDR3_DM0
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
D21
DDR3_DM1
DDR3_DM1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
C28
DDR3_DM2
DDR3_DM2
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
E30
DDR3_DM3
DDR3_DM3
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
D18
DDR3_DQ0
DDR3_DQ0
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
B18
DDR3_DQ1
DDR3_DQ1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
C19
DDR3_DQ2
DDR3_DQ2
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
D19
DDR3_DQ3
DDR3_DQ3
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
F20
DDR3_DQ4
DDR3_DQ4
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
E20
DDR3_DQ5
DDR3_DQ5
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C3
DDR
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More