| Moteur de recherche de fiches techniques de composants électroniques |
|
AM69 Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 312 page ![]() Table 5-1. Pin Attributes (ALY, AND Packages) (continued) ALY Ball Num [1] AND Ball Num [1] Ball Name [2] PADCFG Register [15] PADCFG Address [16] Signal Name [3] Mux Mode [4] Signal Type [5] I/O Voltage [6] Ball State DURING Reset (RX/TX/PULL) [7] Ball State AFTER Reset (RX/TX/PULL) [8] Mux Mode AFTER Reset [9] Pull Type [10] Power [11] Hys [12] Voltage Buffer Type [13] IO RET [14] B15 E5 DDR1_DQ8 DDR1_DQ8 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR B14 D2 DDR1_DQ9 DDR1_DQ9 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR C13 E2 DDR1_DQ10 DDR1_DQ10 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR D13 F4 DDR1_DQ11 DDR1_DQ11 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR F13 D6 DDR1_DQ12 DDR1_DQ12 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR G13 E4 DDR1_DQ13 DDR1_DQ13 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR E14 D3 DDR1_DQ14 DDR1_DQ14 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR D14 D5 DDR1_DQ15 DDR1_DQ15 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR E8 M3 DDR1_DQ16 DDR1_DQ16 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR G9 K4 DDR1_DQ17 DDR1_DQ17 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR F9 M2 DDR1_DQ18 DDR1_DQ18 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR D9 L5 DDR1_DQ19 DDR1_DQ19 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR C9 J5 DDR1_DQ20 DDR1_DQ20 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR B8 K3 DDR1_DQ21 DDR1_DQ21 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR B7 L4 DDR1_DQ22 DDR1_DQ22 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR C7 K6 DDR1_DQ23 DDR1_DQ23 IO 1.1 V VDDS_DDR / VDDS_DDR_ C1 DDR www.ti.com AM69A, AM69 SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: AM69A AM69 |