Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM69 Fiches technique(PDF) 27 Page - Texas Instruments

No de pièce AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM69 Fiches technique(HTML) 27 Page - Texas Instruments

Back Button AM69 Datasheet HTML 23Page - Texas Instruments AM69 Datasheet HTML 24Page - Texas Instruments AM69 Datasheet HTML 25Page - Texas Instruments AM69 Datasheet HTML 26Page - Texas Instruments AM69 Datasheet HTML 27Page - Texas Instruments AM69 Datasheet HTML 28Page - Texas Instruments AM69 Datasheet HTML 29Page - Texas Instruments AM69 Datasheet HTML 30Page - Texas Instruments AM69 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
M3
DDR2_DQ15
DDR2_DQ15
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
F3
DDR2_DQ16
DDR2_DQ16
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
G7
DDR2_DQ17
DDR2_DQ17
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
H6
DDR2_DQ18
DDR2_DQ18
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
H4
DDR2_DQ19
DDR2_DQ19
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
G2
DDR2_DQ20
DDR2_DQ20
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
H3
DDR2_DQ21
DDR2_DQ21
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
G5
DDR2_DQ22
DDR2_DQ22
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
F2
DDR2_DQ23
DDR2_DQ23
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
E4
DDR2_DQ24
DDR2_DQ24
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
D2
DDR2_DQ25
DDR2_DQ25
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
F6
DDR2_DQ26
DDR2_DQ26
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
F5
DDR2_DQ27
DDR2_DQ27
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
E3
DDR2_DQ28
DDR2_DQ28
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
E7
DDR2_DQ29
DDR2_DQ29
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
E6
DDR2_DQ30
DDR2_DQ30
IO
1.1 V
VDDS_DDR /
VDDS_DDR_
C2
DDR
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More