Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM7347 Fiches technique(PDF) 20 Page - PMC-Sierra, Inc

No de pièce PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PMC [PMC-Sierra, Inc]
Site Internet  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Fiches technique(HTML) 20 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 16Page - PMC-Sierra, Inc PM7347 Datasheet HTML 17Page - PMC-Sierra, Inc PM7347 Datasheet HTML 18Page - PMC-Sierra, Inc PM7347 Datasheet HTML 19Page - PMC-Sierra, Inc PM7347 Datasheet HTML 20Page - PMC-Sierra, Inc PM7347 Datasheet HTML 21Page - PMC-Sierra, Inc PM7347 Datasheet HTML 22Page - PMC-Sierra, Inc PM7347 Datasheet HTML 23Page - PMC-Sierra, Inc PM7347 Datasheet HTML 24Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
20
Document ID: PMC-1990267, Issue 3
• Provides programmable pseudo-random test sequence generation (up to 232-1 bit length
sequences conforming to ITU-T O.151 standards). Diagnostic abilities include single bit error
insertion or error insertion at bit error rates ranging from 10-1 to 10-7.
The bypass and loopback features of the S/UNI-JET:
• Allow bypassing of the DS3, E3, and J2 framers to enable transmission system sublayer
processing by an external device.
• Allow bypassing of the PLCP and ATM functions to enable use of the S/UNI-JET as a DS3,
E3, or J2 framer.
• Provide diagnostic loopbacks, line loopbacks, and payload loopbacks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More