| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7347 Fiches technique(PDF) 16 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7347 Fiches technique(HTML) 16 Page - PMC-Sierra, Inc |
|
16 / 341 page ![]() S/UNI®-JET Data Sheet Released Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 16 Document ID: PMC-1990267, Issue 3 Table 34 PLCP Overhead Processing ..........................................................................264 Table 35 PLCP Path Overhead Identifier Codes ..........................................................266 Table 36 DS3 PLCP Trailer Length...............................................................................266 Table 37 E3 PLCP Trailer Length .................................................................................267 Table 38 DS3 Frame Overhead Operation ...................................................................268 Table 39 G.751 E3 Frame Overhead Operation ...........................................................269 Table 40 G.832 E3 Frame Overhead Operation ...........................................................270 Table 41 J2 Frame Overhead Operation.......................................................................272 Table 42 Pseudo Random Pattern Generation (PS bit = 0)..........................................286 Table 43 Repetitive Pattern Generation (PS bit = 1).....................................................287 Table 44 DS3 Receive Overhead Bits...........................................................................299 Table 45 DS3 Transmit Overhead Bits.........................................................................307 Table 46 Absolute Maximum Ratings............................................................................319 Table 47 DC Characteristics .........................................................................................320 Table 48 Microprocessor Interface Read Access (Figure 75).......................................322 Table 49 Microprocessor Interface Write Access (Figure 76) .......................................323 Table 50 RSTB Timing (Figure 77) ...............................................................................325 Table 51 Transmit ATM Cell Interface Timing (Figure 78) ............................................325 Table 52 Receive ATM Cell Interface Timing (Figure 79) .............................................327 Table 53 Transmit Interface Timing (Figure 80)............................................................329 Table 54 Receive Interface Timing (Figure 81).............................................................334 Table 55 JTAG Port Interface (Refer to Figure 82) .......................................................336 Table 56 Packaging Information....................................................................................339 Table 57 Thermal Information .......................................................................................339 |