Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM7347 Fiches technique(PDF) 60 Page - PMC-Sierra, Inc

No de pièce PM7347
Description  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PMC [PMC-Sierra, Inc]
Site Internet  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 Fiches technique(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 56Page - PMC-Sierra, Inc PM7347 Datasheet HTML 57Page - PMC-Sierra, Inc PM7347 Datasheet HTML 58Page - PMC-Sierra, Inc PM7347 Datasheet HTML 59Page - PMC-Sierra, Inc PM7347 Datasheet HTML 60Page - PMC-Sierra, Inc PM7347 Datasheet HTML 61Page - PMC-Sierra, Inc PM7347 Datasheet HTML 62Page - PMC-Sierra, Inc PM7347 Datasheet HTML 63Page - PMC-Sierra, Inc PM7347 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
60
Document ID: PMC-1990267, Issue 3
When the CRC_REFR bit is set to logic zero, the J2-FRMR uses only the frame alignment
sequence to find frame, searching for three consecutive correct frame alignment sequences. The
frame find block searches for the entire 9-bit sequence (spread over two multiframes) at the same
time, greatly reducing the time required to find frame alignment. The framing process with CRC-
REFR cleared is illustrated in Figure 4.
Figure 4 Framing algorithm (CRC_REFR = 0)
Mark multiframe alignment
Confirm Fram ing Pattern
in next m ultiframe
Slip 1 bit
Framing
Pattern
Matched
Reset
or
Out of Fram e
Else
Fail
Confirm Framing Pattern
in next m ultifram e
Fail
Pass
Declare in-frame
Pass
Using this algorithm, the J2-FRMR will on average find frame in 5.07 ms when starting the
search in the worst possible position, given a 10-4 error rate and no static mimic patterns.
When the CRC_REFR bit is set to logic one, in addition to requiring three consecutive correct
framing patterns, the J2-FRMR requires that the first two CRC-5 checks be correct, or a reframe
is initiated. To speed up the process, the CRC-5 and frame alignment checks are run concurrently,
as illustrated in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More