Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELM327P Fiches technique(PDF) 45 Page - ELM Electronics

No de pièce ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELM [ELM Electronics]
Site Internet  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Fiches technique(HTML) 45 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 41Page - ELM Electronics ELM327P Datasheet HTML 42Page - ELM Electronics ELM327P Datasheet HTML 43Page - ELM Electronics ELM327P Datasheet HTML 44Page - ELM Electronics ELM327P Datasheet HTML 45Page - ELM Electronics ELM327P Datasheet HTML 46Page - ELM Electronics ELM327P Datasheet HTML 47Page - ELM Electronics ELM327P Datasheet HTML 48Page - ELM Electronics ELM327P Datasheet HTML 49Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
45 of 51
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
be from a wiring error. Note that some vehicles may
generate long pulses as part of their startup process,
so you may see this message as part of a normal
vehicle startup while ‘monitoring all.’
CAN ERROR
The CAN system had difficulty initializing, sending,
or receiving. Often this is simply from not being
connected to a CAN system when you attempt to send
a message, but it may be because you have set the
system to an incorrect protocol, or to a rate that does
not match the actual data rate. As with BUS ERRORs,
the CAN ERROR might also be the result of a wiring
problem, so if this is the first time using your ELM327
circuit, review all of your CAN interface circuitry before
proceeding.
FB ERROR
When an OBD output is energized, a check is
always made to ensure that the signal also appears at
the respective input. If there is a problem, and no
active input is detected, the IC turns the output off and
declares that there was a problem with the FeedBack
(FB) of the signal.
If this is an initial trial with your
ELM327, this is almost certainly a wiring problem.
Check your wiring before proceeding.
DATA ERROR
There was a response from the vehicle, but the
information was incorrect or could not be recovered.
<DATA ERROR
There was an error in the line that this points to,
either from an incorrect checksum, or a problem with
the format of the message (the ELM327 still shows
you what it received). There could have been a noise
burst which interfered, possibly a circuit problem, or
perhaps you have the CAN Auto Formatting (CAF) on
and you are looking at a system that is not of the
ISO 15765-4 format. Try re-sending the command
again – if it was a noise burst, it may be received
correctly the second time.
NO DATA
The IC waited for the period of time that was set
by AT ST, but detected no response from the vehicle.
Error Messages (Cont’d)
It may be that the vehicle had no data to offer for that
particular PID, that the mode requested was not
supported, that the vehicle was attending to higher
priority issues, or in the case of the CAN systems, the
filter may have been set to ignore the response, even
though one was sent. If you are certain that there
should have been a response, try adjusting the AT ST
time (to be sure that you have allowed sufficient time
to obtain a response), or restoring the CAN filter to its
default setting.
<RX ERROR
An error was detected in the received CAN data.
This will usually only occur if monitoring a CAN bus,
and the ELM327 is set to an incorrect baud rate, or if
monitoring and there are messages found that that are
not being acknowledged, or that contain bit errors. Try
a different protocol, or a different baud rate.
UNABLE TO CONNECT
The ELM327 has tried all of the available
protocols, and could not detect a compatible one. This
could be because your vehicle uses an unsupported
protocol, or could be as simple as forgetting to turn the
ignition key on. Check all of your connections, and the
ignition, then try the command again.
?
This is the standard response for a misunderstood
command received on the RS232 input. Usually it is
due to a typing mistake.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51