Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELM327P Fiches technique(PDF) 29 Page - ELM Electronics

No de pièce ELM327P
Description  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELM [ELM Electronics]
Site Internet  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Fiches technique(HTML) 29 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 25Page - ELM Electronics ELM327P Datasheet HTML 26Page - ELM Electronics ELM327P Datasheet HTML 27Page - ELM Electronics ELM327P Datasheet HTML 28Page - ELM Electronics ELM327P Datasheet HTML 29Page - ELM Electronics ELM327P Datasheet HTML 30Page - ELM Electronics ELM327P Datasheet HTML 31Page - ELM Electronics ELM327P Datasheet HTML 32Page - ELM Electronics ELM327P Datasheet HTML 33Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
29 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Setting the Headers (Cont’d)
AT SH command that uses only three hex digits. It
actually operates by simply adding the leading zeroes
for you.
The
11
bit
CAN
standard
typically
makes
functional requests (ID/header = 7DF), but receives
physical replies (7En). With headers turned on, it is a
simple matter to learn the address of the module that
is replying, then use that information to make physical
requests if desired. For example, if the headers are on,
and you send 01 00, you might see:
>01 00
7E8 06 41 00 BE 3F B8 13 00
The 7E8 shows that ECU#1 was the one
responding. In order to talk directly to that ECU, all you
need do is to set the header to the appropriate value (it
is 7E0 to talk to the 7E8 device – see ISO 15765-4 for
more information). From that point on, you can ‘talk’
directly to the ECU using its physical address, as
shown here:
>AT SH 7E0
OK
>01 05
7E8 03 41 05 46 00 00 00 00
Hopefully this has helped to get you started. As we
often tell those that write – if you are planning to do
some serious experimenting with OBD, you should buy
the relevant standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51