| Moteur de recherche de fiches techniques de composants électroniques |
|
ELM327P Fiches technique(PDF) 17 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM327P Fiches technique(HTML) 17 Page - ELM Electronics |
|
17 / 51 page ![]() 17 of 51 ELM327 ELM327DSC Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com AT Command Summary General Commands BRD hh try Baud Rate Divisor hh BRT hh set Baud Rate handshake Timeout D set all to Defaults E0, E1 Echo Off, or On* I print the version ID L0, L1 Linefeeds Off, or On M0, M1 Memory Off, or On WS Warm Start (quick software restart) Z reset all <CR> repeat the last command OBD Commands AL Allow Long (>7 byte) messages AR Automatically Receive AT0, 1, 2 Adaptive Timing Off, Auto1*, Auto2 BD perform a Buffer Dump BI Bypass the Initialization sequence DP Describe the current Protocol DPN Describe the Protocol by Number H0, H1 Headers Off*, or On MA Monitor All MR hh Monitor for Receiver = hh MT hh Monitor for Transmitter = hh NL Normal Length messages* PC Protocol Close R0, R1 Responses Off, or On SH xyz Set Header SH xxyyzz Set Header SP h Set Protocol to h and save it SP Ah Set Protocol to Auto, h and save it SR hh Set the Receive address ST hh Set Timeout to hh x 4 msec TP h Try Protocol h TP Ah Try Protocol h with Auto search J1850 Specific Commands (protocols 1 and 2) IFR0, 1, 2 IFRs Off, Auto*, or On IFR H, S IFR value from Header or Source ISO Specific Commands (protocols 3 to 5) IB 10 Set the ISO Baud rate to 10400* IB 96 Set the ISO Baud rate to 9600 IIA hh Set the ISO (slow) Init Address to hh KW0, KW1 Key Word checking Off, or On* SW hh Set Wakeup interval to hh x 20 msec WM [1 - 6 bytes] Set the Wakeup Message CAN Specific Commands (protocols 6 to C) CAF0, CAF1 Automatic Formatting Off, or On* CF hhh set the ID Filter to hhh CF hhhhhhhh set the ID Filter to hhhhhhhh CFC0, CFC1 Flow Control Off, or On* CM hhh set the ID Mask to hhh CM hhhhhhhh set the ID Mask to hhhhhhhh CP hh set CAN Priority (only for 29 bit) CS show the CAN Status DM1 (J1939) Monitor for DM1 messages FC SM h Flow Control Set the Mode to h FC SH hhh FC Set the Header to hhh FC SH hhhhhhhh FC Set the Header to hhhhhhhh FC SD [1 - 5 bytes] FC Set Data to [...] MP hhhh (J1939) Monitor for PGN hhhh Misc. Commands CV dddd Calibrate the Voltage to dd.dd volts PP xx OFF disable Prog Parameter xx PP FF OFF all Prog Parameters Off PP xx ON enable Prog Parameter xx PP FF ON all Prog Parameters On PP xx SV yy for PP xx, Set the Value to yy PPS print a PP Summary RV Read the Voltage * = default setting |