Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FALXT972MCCA4 Fiches technique(PDF) 42 Page - Intel Corporation

No de pièce FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Fiches technique(HTML) 42 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 38Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 39Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 40Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 41Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 42Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 43Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 44Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 45Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
42
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
As shown in Figure 12, in 100BASE-TX mode, the LXT972M Transceiver scrambles and
transmits the data to the network using MLT-3 line code. MLT-3 signals received from the network
are de-scrambled, decoded, and sent across the MII to the MAC.
Figure 12. 100BASE-TX Data Path
S0
S1
S2
S3
S4
Parallel
to
Serial
Serial
to
Parallel
MLT3
0
+1
-1
00
Transition = 1.
No Transition = 0.
All transitions must follow
pattern: 0, +1, 0, -1, 0, +1...
Scrambler Bypass Data Flow
S0
S1
S2
S3
S4
Standard Data Flow
D0
D1
D2
D3
Parallel
to
Serial
Serial
to
Parallel
D0
D1
D2
D3
4B/5B
S0
S1
S2
S3
S4
MLT3
0
+1
-1
00
Transition = 1.
No Transition = 0.
All transitions must follow
pattern: 0, +1, 0, -1, 0, +1...
Scramble
De-
Scramble
B3467-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92