Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FALXT972MCCA4 Fiches technique(PDF) 15 Page - Intel Corporation

No de pièce FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Fiches technique(HTML) 15 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 11Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 12Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 13Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 14Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 15Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 16Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 17Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 18Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
15
Document Number: 302875-005
Revision Date: 27-Oct-2005
4.0
Signal Descriptions for Intel® LXT972M Transceiver
Intel recommends the following configurations for unused pins:
• Unused inputs. Configure all unused inputs and unused multi-function pins for inactive states.
• Unused outputs. Leave all unused outputs floating.
• No connects. Do not use pins designated as NC (no connect), and do not terminate them.
Note:
For the tables in this section, the abbreviations listed in Table 2, “Intel® LXT972M Transceiver
Signal Types” on page 13 are used for the “Type” column.
Tables in this section include the following
• Table 4, “Intel® LXT972M Transceiver MII Data Interface Signal Descriptions”
• Table 5, “Intel® LXT972M Transceiver MII Controller Interface Signal Descriptions”
• Table 6, “Intel® LXT972M Transceiver Network Interface Signal Descriptions”
• Table 7, “Intel® LXT972M Transceiver Standard Bus and Interface Signal Descriptions”
• Table 8, “Intel® LXT972M Transceiver Configuration and LED Driver Signal Descriptions”
• Table 9, “Intel® LXT972M Transceiver Power, Ground, No-Connect Signal Descriptions”
• Table 10, “Intel® LXT972M Transceiver JTAG Test Signal Descriptions”
• Table 11, “Intel® LXT972M Transceiver Pin Types and Modes”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92