Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FALXT972MCCA4 Fiches technique(PDF) 91 Page - Intel Corporation

No de pièce FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Fiches technique(HTML) 91 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 84Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 85Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 86Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 87Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 88Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 89Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 90Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 91Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 92Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
91
Document Number: 302875-005
Revision Date: 27-Oct-2005
10.1
Top Label Markings
Figure 36 shows a sample LQFP package for the LXT972M Transceiver.
Note:
In contrast to the Pb-Free (RoHS-compliant) LQFP package, the non-RoHS-compliant package
does not have the “e3” symbol in the last line of the package label.
Figure 37 shows a sample Pb-Free (RoHS-compliant) LQFP package for the
LXT972M Transceiver.
Figure 36. Sample LQFP Package - Intel® LXT972M Transceiver
Pin 1
XXXXXXXX
Part Number
FPO Number
DJ972MA4
C
M
‘YY
Blank Line
Year
B5294-01
Figure 37.
Sample Pb-Free (RoHS-Compliant) LQFP Package - Intel® LX972M Transceiver
Pin 1
XXXXXXXX
Part Number
FPO Number
WJ972MA4
C
M
‘YY
Blank Line
Pb-Free Indication
e3
Year
B5295-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92