Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8716 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TDA8716
Description  8-bit high-speed analog-to-digital converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8716 Fiches technique(HTML) 3 Page - NXP Semiconductors

  TDA8716 Datasheet HTML 1Page - NXP Semiconductors TDA8716 Datasheet HTML 2Page - NXP Semiconductors TDA8716 Datasheet HTML 3Page - NXP Semiconductors TDA8716 Datasheet HTML 4Page - NXP Semiconductors TDA8716 Datasheet HTML 5Page - NXP Semiconductors TDA8716 Datasheet HTML 6Page - NXP Semiconductors TDA8716 Datasheet HTML 7Page - NXP Semiconductors TDA8716 Datasheet HTML 8Page - NXP Semiconductors TDA8716 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1996 Aug 26
3
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8716
BLOCK DIAGRAM
Fig.1 Block diagram; TDA8716.
handbook, full pagewidth
TDA8716
OUTPUT LATCHES
DIGITAL PROCESSING
LATCHES
CLOCK
BUFFER
MSB ANALOG
PROCESSING
LSB ANALOG
PROCESSING
folding and interpolation
SAMPLE LATCHES
LSB BINARY
ENCODER
MSB BINARY
ENCODER
ECL BUFFERS
63
14
15
16
17
18
20
21
22
23
digital outputs
D0 to D7
IN range
MCD265 - 2
1
2
CLK input
CLK input
analog input
7
11
5
13
24
3
12
4
19
analog ground
digital ground
analog negative
supply voltage
(– 5.2 V)
output ground
supply voltage
(0 V)
digital negative
supply voltage
(– 5.2 V)
two's complement
output select
10
9
6
8
voltage
reference top
voltage
reference middle
voltage
reference bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com