Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8716 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA8716
Description  8-bit high-speed analog-to-digital converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8716 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA8716 Datasheet HTML 3Page - NXP Semiconductors TDA8716 Datasheet HTML 4Page - NXP Semiconductors TDA8716 Datasheet HTML 5Page - NXP Semiconductors TDA8716 Datasheet HTML 6Page - NXP Semiconductors TDA8716 Datasheet HTML 7Page - NXP Semiconductors TDA8716 Datasheet HTML 8Page - NXP Semiconductors TDA8716 Datasheet HTML 9Page - NXP Semiconductors TDA8716 Datasheet HTML 10Page - NXP Semiconductors TDA8716 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
1996 Aug 26
7
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8716
CHARACTERISTICS
VEEA = −4.95 to −5.45 V; VEED1, VEED2 = −4.95 to −5.45 V; AGND, DGND and OGND shorted together;
Tamb = 0 to +70 °C; unless otherwise specified. (Typical values taken at VEEA = −5.2 V; VEED1, VEED2 = −5.2 V;
Tamb =25 °C).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VEEA
analog supply voltage
−5.45
−5.2
−4.95
V
VEED1,VEED2
digital supply voltage
−5.45
−5.2
−4.95
V
IEEA
analog supply current
50
55
mA
IEED1,IEED2
digital supply current
100
110
mA
IEE
output supply current
RL = 2.2 kΩ−
20
25
mA
Vdiff
supply voltage differential
VEEA − VEED1; VEEA − VEED2
−0.5
0
+0.5
V
Reference voltages for the resistor ladder
VRB
reference voltage BOTTOM
−3.5
−3.13
V
VRT
reference voltage TOP
−−1.87
−1.5
V
Vref
reference voltage differential
VRT − VRB
1.26
V
VOB
voltage offset BOTTOM
note 1
130
mV
VOT
voltage offset TOP
note 1
130
mV
VI(p-p)
input voltage amplitude
(peak-to-peak value)
0.95
1.0
1.5
V
Iref
reference current
15
mA
RLAD
resistor ladder
85
−Ω
TCRL
temperature coefficient of the
resistor ladder
0.18
−Ω/K
Inputs
CLK and CLK input
VIL
LOW level input voltage
−1850
−1770
−1650
mV
VIH
HIGH level input voltage
−960
−880
−810
mV
IIL
LOW level input current
VCLK = −1.77 V
1
−µA
IIH
HIGH level input current
VCLK = −0.88 V
10
−µA
RI
input resistance
20
k
CI
input capacitance
2
pF
VCLK(p-p)
differential clock input
VCLK − VCLK
(peak-to-peak value)
900
mV
Analog input; note 2
IIB
input current BOTTOM
VRB = −3.13 V
0
−µA
IIT
input current TOP
VRT = −1.87 V
170
−µA
RI
input resistance
7
k
CI
input capacitance
13
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com