Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8716 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA8716
Description  8-bit high-speed analog-to-digital converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8716 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA8716 Datasheet HTML 1Page - NXP Semiconductors TDA8716 Datasheet HTML 2Page - NXP Semiconductors TDA8716 Datasheet HTML 3Page - NXP Semiconductors TDA8716 Datasheet HTML 4Page - NXP Semiconductors TDA8716 Datasheet HTML 5Page - NXP Semiconductors TDA8716 Datasheet HTML 6Page - NXP Semiconductors TDA8716 Datasheet HTML 7Page - NXP Semiconductors TDA8716 Datasheet HTML 8Page - NXP Semiconductors TDA8716 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
1996 Aug 26
5
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8716
PINNING TDA8716T
SYMBOL
PIN
DESCRIPTION
CLK
1
complementary clock input
CLK
2
clock input
VEED1
3
digital negative supply voltage
(
−5.2 V)
n.c.
4
not connected
n.c.
5
not connected
CPLT2
6
two's complement output select
(active HIGH)
VEEA
7
analog negative supply voltage
(
−5.2 V)
VRB
8
reference voltage BOTTOM
AGND1
9
analog ground 1
VI
10
analog input
VRM
11
reference voltage MIDDLE
decoupling
n.c.
12
not connected
n.c.
13
not connected
VRT
14
reference voltage TOP
AGND2
15
analog ground 2
VEED2
16
digital negative supply voltage
(
−5.2 V)
DGND1
17
digital ground 1
D0
18
digital output (LSB)
D1
19
digital output
n.c.
20
not connected
n.c.
21
not connected
D2
22
digital output
D3
23
digital output
D4
24
digital output
OGND
25
output ground supply voltage (0 V)
D5
26
digital output
D6
27
digital output
n.c.
28
not connected
n.c.
29
not connected
D7
30
digital output (MSB)
IR
31
IN range
DGND2
32
digital ground 2
Fig.3 Pin configuration; TDA8716T.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
17
18
19
20
21
22
23
24
25
26
TDA8716T
MBC742 - 2
V EED2
AGND2
VRT
n.c.
n.c.
RM
V
V I
AGND1
V RB
VEEA
C PLT2
n.c.
EED1
V
CLK
CLK
DGND1
D0
D1
n.c.
n.c.
D2
D3
D4
OGND
D5
D6
n.c.
n.c.
D7
IR
DGND2
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com