| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4021 Fiches technique(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4021 Fiches technique(HTML) 46 Page - Microchip Technology |
|
46 / 64 page ![]() MCP4021/2/3/4 DS21945E-page 46 © 2006 Microchip Technology Inc. 6.3.2 MONOTONIC OPERATION Monotonic operation means that the device’s resistance increases with every step change (from terminal A to terminal B or terminal B to terminal A). The wiper resistance is different at each tap location. When changing from one tap position to the next (either increasing or decreasing), the ΔRW is less than the ΔRS. When this change occurs, the device voltage and temperature are “the same” for the two tap positions. FIGURE 6-7: Resistance, RBW. 0x3F 0x3E 0x3D 0x03 0x02 0x01 0x00 Resistance (RBW) RW (@ tap) RS0 RS1 RS3 RS62 RS63 RBW = RSn + RW(@ Tap n) n = 0 n = ? |