| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4021 Fiches technique(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4021 Fiches technique(HTML) 38 Page - Microchip Technology |
|
38 / 64 page ![]() MCP4021/2/3/4 DS21945E-page 38 © 2006 Microchip Technology Inc. 5.2.9 HIGH-VOLTAGE DECREMENT AND ENABLE WiperLock TECHNOLOGY This mode is achieved by initializing the U/D pin to the low state (VIL) prior to driving the CS pin to VIHH. Subsequent rising edges of the U/D pin decrement the wiper setting toward terminal B. Set the U/D pin to a high state (VIH) prior to forcing the CS pin to VIH. This begins a write cycle and enables the WiperLock Technology feature (See Figure 5-9). After the CS pin is driven to VIH (from VIHH), all other serial commands are ignored until the EEPROM write cycle (tWC) completes. FIGURE 5-9: High-Voltage Decrement and Enable WiperLock™ Technology. Note: The wiper value will not underflow. That is, once the wiper value equals 0x00, subsequent decrement commands are ignored. EEPROM U/D CS Wiper 1 2 3 4 WiperLock™ Technology WiperLock Technology Enable WiperLock Technology Disable X XX X X X-4 X-1 X X-2 X-3 X-4 VIHH VDD VIH VIH 5 6 VIH VIL tWC |