| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSB100 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 214 page ![]() Figure 18. Regulator faults reaction with REGFAIL_GO_REC = 0 ACTIVE state WD trigger OK* LOW-POWER mode FULL-POWER mode SPI cmd SPI cmd WD trigger OK* Execute Power-Up sequence Finished OK INIT state REC-1 state Set SPI error flag AND sends IRQ AND if unmasked then turns OFF failing reg. with active discharge REG fail & GoREC=0 Back to previous state REG fail & GoREC=0 VFBB_OK_R < VFBB < VFBB_OV * when LOW_SET = 1111, watchdog service is disabled (WD LOW trigger OK*) & (all flag cleared) SPSB100 Functional description DS14640 - Rev 1 page 29/214 |