| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSB100 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 214 page ![]() # Name Description I/O type 55 PGND2, 2nd pin Current capability (pin description see above) - 56 COMP2 BUCK2 error amplifier compensation network - 1. It is suggested to connect the N.C. pins to ground. SPSB100 Block diagram and pin description DS14640 - Rev 1 page 6/214 |