| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSB100 Fiches technique(PDF) 205 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 Fiches technique(HTML) 205 Page - STMicroelectronics |
|
205 / 214 page ![]() 7.21 Reset output (NRST) .........................................................104 7.22 VREG voltage regulator .......................................................104 7.23 BIST timing .................................................................105 8 Application circuit .............................................................. 106 8.1 External components .........................................................106 8.2 External components calculation................................................109 8.2.1 BUCK1 and BUCK2 inductor.............................................. 109 8.2.2 BUC3 inductor......................................................... 109 9 SPI registers.....................................................................111 9.1 Global status byte GSB ....................................................... 111 9.2 Control register overview ...................................................... 113 9.3 U_NVM register overview...................................................... 114 9.4 Status register overview ....................................................... 117 9.5 Control registers .............................................................120 9.6 U_NVM registers .............................................................136 9.7 Status registers ..............................................................164 9.8 Status register that must be cleared to enter into active FP mode ....................193 10 PCB layout recommendation.................................................... 195 10.1 PCB metal and component placement ...........................................197 10.2 Solder mask .................................................................197 10.3 Stencil design ...............................................................198 11 Package information............................................................ 199 11.1 VFQFN56+4L (8x8x0.9 mm exp. pad down) package information ....................199 Revision history ..................................................................... 201 SPSB100 Contents DS14640 - Rev 1 page 205/214 |