| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSB100 Fiches technique(PDF) 162 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 Fiches technique(HTML) 162 Page - STMicroelectronics |
|
162 / 214 page ![]() Bit Name Description 1 CRC 1 0 CRC 0 Table 203. DCR28 (0x1C) MSB Bit 23 Bit 22 Bit 21 Bit 20 Bit 19 Bit 18 Bit 17 Bit 16 - (R0) - (R0) - (R0) - (R0) - (R0) - (R0) - (R0) - (R0) RES RES RES RES RES RES RES RES Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Table 204. DCR28 (0x1C) MSB description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 RES Reserved 18 RES Reserved 17 RES Reserved 16 RES Reserved Table 205. DCR28 (0x1C) Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 - (R0) - (R0) - (R0) - (R0) - (R0) - (R0) - (R0) - (R0) RES RES RES RES RES RES RES RES Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Table 206. DCR28 (0x1C) description Bit Name Description 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved 10 RES Reserved 9 RES Reserved 8 RES Reserved Table 207. DCR28 (0x1C) LSB Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 - (R0) - (R0) - (R0) - (R0) - (R) - (R) - (R) - (R) SPSB100 SPI registers DS14640 - Rev 1 page 162/214 |