| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSB100 Fiches technique(PDF) 156 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 Fiches technique(HTML) 156 Page - STMicroelectronics |
|
156 / 214 page ![]() Bit Name Description 13 U_NVM_L_9 12 U_NVM_L_8 11 U_NVM_L_7 10 U_NVM_L_6 9 U_NVM_L_5 8 U_NVM_L_4 Table 177. DCR21 (0x15) LSB Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 - (R) - (R) - (R) - (R) - (R) - (R) - (R) - (R) U_NVM_L_3 U_NVM_L_2 U_NVM_L_1 U_NVM_L_0 CRC3 CRC2 CRC1 CRC0 User NVM L register bit 3 User NVM L register bit 2 User NVM L register bit 1 User NVM L register bit 0 Cyclic redundancy checking bit 3 Cyclic redundancy checking bit 2 Cyclic redundancy checking bit 1 Cyclic redundancy checking bit 0 Table 178. DCR21 (0x15) LSB description Bit Name Description 7 U_NVM_L_3 6 U_NVM_L_2 5 U_NVM_L_1 4 U_NVM_L_0 3 CRC 3 2 CRC 2 1 CRC 1 0 CRC 0 Table 179. DCR22 (0x16) MSB Bit 23 Bit 22 Bit 21 Bit 20 Bit 19 Bit 18 Bit 17 Bit 16 - (R0) - (R0) - (R0) - (R0) - (R) - (R) - (R) - (R) RES RES RES RES U_NVM_M_15 U_NVM_M_14 U_NVM_M_13 U_NVM_M_12 Reserved Reserved Reserved Reserved User NVM M register bit 15 User NVM M register bit 14 User NVM M register bit 13 User NVM M register bit 12 Table 180. DCR22 (0x16) MSB description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 U_NVM_M_15 User NVM regs Can be emulated when FSM is in U_PROG_1 state SPSB100 SPI registers DS14640 - Rev 1 page 156/214 |