| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8002CT/B Fiches technique(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8002CT/B Fiches technique(HTML) 15 Page - NXP Semiconductors |
|
15 / 28 page ![]() 1999 Oct 12 15 Philips Semiconductors Product specification IC card interface TDA8002C Fault detection The following fault conditions are monitored by the circuit: • Short-circuit or high current on VCC • Removing card during transaction • VDD dropping • Overheating. When one or more of these faults are detected, the circuit pulls the interrupt line OFF to its active LOW state and a deactivation sequence is initiated. In the event that the card is present the interrupt line OFF is set to HIGH state when the microcontroller has reset the CMDVCC line HIGH (after completion of the deactivation sequence). In the event that the card is not present OFF remains LOW. handbook, full pagewidth FCE480 I/O CLK RST LOW tde OFF PRES VCC t10 t11 t12 t13 t14 OSC_INT/64 Fig.14 Emergency deactivation sequence. |