| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8002CT/B Fiches technique(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8002CT/B Fiches technique(HTML) 14 Page - NXP Semiconductors |
|
14 / 28 page ![]() 1999 Oct 12 14 Philips Semiconductors Product specification IC card interface TDA8002C DEACTIVATION SEQUENCE When a session is completed, the microcontroller sets the CMDVCC line to HIGH state or MODE line to LOW state. The circuit then executes an automatic deactivation sequence by counting the sequencer down and thus end in the Idle mode. Figures 13 and 14 illustrate the deactivation sequence as follows: 1. RST goes LOW (t11 ≈ t10) 2. CLK is stopped (t12 =t11 + 1⁄2T) 3. I/O, AUX1 and AUX2 fall to zero (t13 =t11 +T) 4. VCC falls to zero (t14 =t11 +11⁄2T); a special circuit ensures that I/O remains below VCC during the falling slope of VCC 5. VUP falls (t15 =t11 + 5T). handbook, full pagewidth FCE479 CMDVCC VUP OSC_INT/64 VCC I/O CLK RSTIN RST LOW tde t10 t11 t12 t13 t14 t15 Fig.13 Deactivation sequence |