Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8002CT/B Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA8002CT/B
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/B Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA8002CT/B Datasheet HTML 2Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 3Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 4Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 5Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 6Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 7Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 8Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 9Page - NXP Semiconductors TDA8002CT/B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1999 Oct 12
6
Philips Semiconductors
Product specification
IC card interface
TDA8002C
Note
1. A pull-up resistor of 100 k
Ω connected to VDD is integrated.
MODE
28
28
28
27
I
operating mode selection input (HIGH = normal; LOW = sleep)
VDDD
−−−
28
supply digital supply voltage
DGND2
−−−
29
supply digital ground 2
SYMBOL
PIN
I/O
DESCRIPTION
TYPE
CT/A
TYPE
CT/B
TYPE
CT/C
TYPE
CG
Fig.2 Pin configuration (TDA8002CT/A).
handbook, halfpage
XTAL1
XTAL2
I/OUC
AUX1UC
AUX2UC
ALARM
CLKSEL
CLKDIV1
CLKDIV2
STROBE
CLKOUT
DGND1
AGND
S2
MODE
RSTIN
RST
CLK
VCC
AUX1
AUX2
I/O
VUP
S1
VDDA
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA8002CT/A
FCE247
OFF
CMDVCC
PRES
Fig.3 Pin configuration (TDA8002CT/B).
handbook, halfpage
XTAL1
XTAL2
I/OUC
AUX1UC
CS
ALARM
CLKSEL
CLKDIV1
CLKDIV2
STROBE
CLKOUT
DGND1
AGND
S2
MODE
RSTIN
RST
CLK
VCC
AUX1
I/O
VUP
S1
VDDA
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA8002CT/B
FCE248
OFF
CMDVCC
PRES
PRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28