Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN8804 Fiches technique(PDF) 81 Page - Microchip Technology

No de pièce LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Fiches technique(HTML) 81 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 77Page - Microchip Technology LAN8804 Datasheet HTML 78Page - Microchip Technology LAN8804 Datasheet HTML 79Page - Microchip Technology LAN8804 Datasheet HTML 80Page - Microchip Technology LAN8804 Datasheet HTML 81Page - Microchip Technology LAN8804 Datasheet HTML 82Page - Microchip Technology LAN8804 Datasheet HTML 83Page - Microchip Technology LAN8804 Datasheet HTML 84Page - Microchip Technology LAN8804 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 81
7.0
PACKAGE OUTLINE
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
FIGURE 7-1:
128-TQFP PACKAGE (DRAWING)
0.20 C A–B D
0.20 C A–B D
0.07
C A–B
D
C
SEATING
PLANE
NOTE 1
4X 32 TIPS
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
0.08 C
Sheet 1 of 2
4X
128X
Microchip Technology Drawing C04-502 Rev A
A1
A2
A
D
D1
E
E1
D
2
D1
2
E
2
D1
2
D
A
B
D2
E2
AA
e
2
e
128X b
1
2
332
96
33
128
97
33
64
1
332
96
33
128
97
33
64
2
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91