| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN8804 Fiches technique(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8804 Fiches technique(HTML) 72 Page - Microchip Technology |
|
72 / 91 page ![]() LAN8804 DS00003591G-page 72 © 2024 Microchip Technology Inc. and its subsidiaries 6.6 AC Specifications This section details the various AC timing specifications of the device. 6.6.1 EQUIVALENT TEST LOAD Output timing specifications assume a 5 pF equivalent test load, unless otherwise noted, as illustrated in Figure 6-1. Note: The QSGMII timing adheres to the QSGMII Specification. Refer to the QSGMII Specification Rev. 1.3 (EDCS-540123) [4] for additional QSGMII timing information. FIGURE 6-1: OUTPUT EQUIVALENT TEST LOAD 5 pF OUTPUT |