Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8250VR Fiches technique(PDF) 52 Page - Freescale Semiconductor, Inc

No de pièce MPC8250VR
Description  Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250VR Fiches technique(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8250VR Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
MPC8250 Hardware Specifications, Rev. 1
52
Freescale Semiconductor
Pinout
PA23
H261
PA24/MSNUM1
F251
PA25/MSNUM0
D261
PA26/FCC1_MII_RX_ER
D251
PA27/FCC1_MII_RX_DV
C251
PA28/FCC1_MII_TX_EN
C221
PA29/FCC1_MII_TX_ER
B211
PA30/FCC1_MII_CRS/FCC1_RTS
A201
PA31/FCC1_MII_COL
A191
PB4/FCC3_TXD3/L1RSYNCA2/ FCC3_RTS
AD211
PB5/FCC3_TXD2/L1TSYNCA2/ L1GNTA2
AD221
PB6/FCC3_TXD1/L1RXDA2/L1RXD0A2
AC221
PB7/FCC3_TXD0/FCC3_TXD/ L1TXDA2/L1TXD0A2
AE261
PB8/FCC3_RXD0/FCC3_RXD/TXD3
AB231
PB9/FCC3_RXD1/L1TXD2A2
AC261
PB10/FCC3_RXD2
AB261
PB11/FCC3_RXD3
AA251
PB12/FCC3_MII_CRS/TXD2
W261
PB13/FCC3_MII_COL/L1TXD1A2
W251
PB14/FCC3_MII_TX_EN/RXD3
V241
PB15/FCC3_MII_TX_ER/RXD2
U241
PB16/FCC3_MII_RX_ER/CLK18
R221
PB17/FCC3_MII_RX_DV/CLK17
R231
PB18/FCC2_RXD3/L1CLKOD2/ L1RXD2A2
M231
PB19FCC2_RXD2/L1RQD2/L1RXD3A2
L241
PB20/FCC2_RXD1/L1RSYNCD2/ L1TXD1A1
K241
PB21/FCC2_RXD0/FCC2_RXD/ L1TSYNCD2/L1GNTD2
L211
PB22/FCC2_TXD0/FCC2_TXD/ L1RXDD2
P251
PB23/FCC2_TXD1/L1TXDD2
N251
PB24/FCC2_TXD2/L1RSYNCC2
E261
PB25/FCC2_TXD3/L1TSYNCC2/ L1GNTC2
H231
PB26/FCC2_MII_CRS/L1RXDC2
C261
PB27/FCC2_MII_COL/L1TXDC2
B261
PB28/FCC2_MII_RX_ER/FCC2_RTS/ L1TSYNCB2/L1GNTB2/TXD1
A221
PB29/L1RSYNCB2/ FCC2_MII_TX_EN
A211
Table 21. MPC8250 VR Package Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60