Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8250VR Fiches technique(PDF) 37 Page - Freescale Semiconductor, Inc

No de pièce MPC8250VR
Description  Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250VR Fiches technique(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8250VR Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
MPC8250 Hardware Specifications, Rev. 1
Freescale Semiconductor
37
Pinout
LCL_D6/AD6
K25
LCL_D7/AD7
L29
LCL_D8/AD8
L27
LCL_D9/AD9
L26
LCL_D10/AD10
L25
LCL_D11/AD11
M29
LCL_D12/AD12
M28
LCL_D13/AD13
M27
LCL_D14/AD14
M26
LCL_D15/AD15
N29
LCL_D16/AD16
T25
LCL_D17/AD17
U27
LCL_D18/AD18
U26
LCL_D19/AD19
U25
LCL_D20/AD20
V29
LCL_D21/AD21
V28
LCL_D22/AD22
V27
LCL_D23/AD23
V26
LCL_D24/AD24
W27
LCL_D25/AD25
W26
LCL_D26/AD26
W25
LCL_D27/AD27
Y29
LCL_D28/AD28
Y28
LCL_D29/AD29
Y25
LCL_D30/AD30
AA29
LCL_D31/AD31
AA28
LCL_DP0/C0/BE0
L28
LCL_DP1/C1/BE1
N28
LCL_DP2/C2/BE2
T28
LCL_DP3/C3/BE3
W28
IRQ0/NMI_OUT
T1
IRQ7/INT_OUT/APE
D1
TRST
AH3
TCK
AG5
TMS
AJ3
Table 19. MPC8250 ZU Package Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60