Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8250VR Fiches technique(PDF) 34 Page - Freescale Semiconductor, Inc

No de pièce MPC8250VR
Description  Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250VR Fiches technique(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8250VR Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
MPC8250 Hardware Specifications, Rev. 1
34
Freescale Semiconductor
Pinout
D42
A14
D43
B12
D44
A10
D45
D8
D46
B6
D47
C4
D48
C18
D49
E16
D50
B14
D51
C12
D52
B10
D53
A7
D54
C6
D55
D5
D56
B18
D57
B16
D58
E14
D59
D12
D60
C10
D61
E8
D62
D6
D63
C2
DP0/RSRV/EXT_BR2
B22
IRQ1/DP1/EXT_BG2
A22
IRQ2/DP2/TLBISYNC/EXT_DBG2
E21
IRQ3/DP3/CKSTP_OUT/EXT_BR3
D21
IRQ4/DP4/CORE_SRESET/EXT_BG3
C21
IRQ5/DP5/TBEN/EXT_DBG3
B21
IRQ6/DP6/CSE0
A21
IRQ7/DP7/CSE1
E20
PSDVAL
V3
TA
C22
TEA
V5
GBL/IRQ1
W1
CI/BADDR29/IRQ2
U2
Table 19. MPC8250 ZU Package Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60