Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMD-K6-2E/233AMZ Fiches technique(PDF) 64 Page - Advanced Micro Devices

No de pièce AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Fiches technique(HTML) 64 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 60Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 61Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 62Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 63Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 64Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 65Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 66Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 67Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 332 page
background image
46
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Page Flush/Invalidate
Register (PFIR)
The AMD-K6-2E processor contains the Page Flush/Invalidate
Register (PFIR) (see Figure 39) that allows cache invalidation
and optional flushing of a specific 4-Kbyte page from the linear
address space. Using this register can result in a much lower
cycle count for flushing particular pages versus flushing the
entire cache. When the PFIR is written to (using the WRMSR
instruction), the invalidation and, optionally, the flushing
begins.
Figure 39. Page Flush/Invalidate Register (PFIR)
LINPAGE
10
63
F
/
I
Symbol
Description
Bit
LINPAGE
20-bit Linear Page Address
31-12
PF
Page Fault Occurred
8
F/I
Flush/Invalidate Command
0
11
31
12
32
P
F
98 7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More