| Moteur de recherche de fiches techniques de composants électroniques |
|
AMD-K6-2E/233AMZ Fiches technique(PDF) 43 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6-2E/233AMZ Fiches technique(HTML) 43 Page - Advanced Micro Devices |
|
43 / 332 page ![]() Chapter 3 Software Environment 25 22529B/0—January 2000 AMD-K6™-2E Processor Data Sheet Preliminary Information Integer Data Types Four types of data are used in general-purpose registers—byte, word, doubleword, and quadword integers. Figure 8 shows the format of the integer data registers. Figure 8. Integer Data Registers Table 3. General-Purpose Register Doubleword, Word, and Byte Names 32-Bit Name (Doubleword) 16-Bit Name (Word) 8-Bit Name (High-order Bits) 8-Bit Name (Low-order Bits) EAX AX AH AL EBX BX BH BL ECX CX CH CL EDX DX DH DL EDI DI –– ESI SI – – ESP SP – – EBP BP – – 15 0 31 0 Precision — 32 Bits Precision — 16 Bits Word Integer Doubleword Integer 70 Precision — 8 Bits Byte Integer 63 0 Precision — 64 Bits Quadword Integer |