Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMD-K6-2E/233AMZ Fiches technique(PDF) 41 Page - Advanced Micro Devices

No de pièce AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Fiches technique(HTML) 41 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 37Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 38Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 39Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 40Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 41Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 42Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 43Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 44Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 332 page
background image
Chapter 3
Software Environment
23
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
3
Software Environment
This chapter provides a general overview of the AMD-K6-2E
processor’s x86 software environment and briefly describes the
data types, registers, operating modes, interrupts, and
instructions supported by the AMD-K6-2E architecture and
design implementation.
Th e s tepping of the Model 8 ve rs i o n of the proces sor
determines the implementation and format of ten Model-
Specific Registers (MSRs).
The AMD-K6-2E processor supports Model 8 steppings [F:8] in
any of eight possible model/steppings—Models 8/8, 8/9, 8/A, 8/B,
8/C, 8/D, 8/E, or 8/F.
Note that the name AMD-K6-2E processor by itself refers to all
steppings of the Model 8/[F:8] version.
3.1
Registers
The AMD-K6-2E processor contains all the registers defined by
the x86 architecture, including general-purpose, segment,
floating-point, MMX/3DNow!, EFLAGS, control, task, debug,
test, and descriptor/memory-management registers.
In addition to information about these registers, this chapter
provides information on the AMD-K6-2E processor MSRs.
Note: Areas of the register designated as Reserved should not be
modified by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More