| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2572 Fiches technique(PDF) 5 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2572 Fiches technique(HTML) 5 Page - OSRAM GmbH |
|
5 / 41 page ![]() Page 4 Datasheet, Public Document Feedback [v2-00] 2022-Nov-30 TSL2572 − Pin Assignments Figure 3: Package FN Dual Flat No-Lead (Top View) Figure 4: Terminal Functions Terminal Type Description Name No VDD 1 Supply voltage SCL 2 I I²C serial clock input terminal — clock signal for I²C serial data GND 3 Power supply ground. All voltages are referenced to GND NC 4 Do not connect INT 5 O Interrupt — open drain (active low) SDA 6 I/O I²C serial data I/O terminal — serial data I/O for I²C Pin Assignments VDD 1 SCL 2 GND 3 6 SDA 5 INT 4 NC Not Actual Size |