Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2572 Fiches technique(PDF) 38 Page - OSRAM GmbH

No de pièce TSL2572
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 Fiches technique(HTML) 38 Page - OSRAM GmbH

Back Button TSL2572 Datasheet HTML 33Page - OSRAM GmbH TSL2572 Datasheet HTML 34Page - OSRAM GmbH TSL2572 Datasheet HTML 35Page - OSRAM GmbH TSL2572 Datasheet HTML 36Page - OSRAM GmbH TSL2572 Datasheet HTML 37Page - OSRAM GmbH TSL2572 Datasheet HTML 38Page - OSRAM GmbH TSL2572 Datasheet HTML 39Page - OSRAM GmbH TSL2572 Datasheet HTML 40Page - OSRAM GmbH TSL2572 Datasheet HTML 41Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Datasheet, Public
Page 37
[v2-00] 2022-Nov-30
Document Feedback
TSL2572 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade, but these products have been superseded
and should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41