Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2572 Fiches technique(PDF) 30 Page - OSRAM GmbH

No de pièce TSL2572
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 Fiches technique(HTML) 30 Page - OSRAM GmbH

Back Button TSL2572 Datasheet HTML 26Page - OSRAM GmbH TSL2572 Datasheet HTML 27Page - OSRAM GmbH TSL2572 Datasheet HTML 28Page - OSRAM GmbH TSL2572 Datasheet HTML 29Page - OSRAM GmbH TSL2572 Datasheet HTML 30Page - OSRAM GmbH TSL2572 Datasheet HTML 31Page - OSRAM GmbH TSL2572 Datasheet HTML 32Page - OSRAM GmbH TSL2572 Datasheet HTML 33Page - OSRAM GmbH TSL2572 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Datasheet, Public
Page 29
[v2-00] 2022-Nov-30
Document Feedback
TSL2572 − Application Information: Hardware
PCB Pad Layout
Suggested land pattern based on the IPC-7351B Generic
Requirements for Surface Mount Design and Land Pattern
Standard (2010) for the small outline no-lead (SON) package is
shown in Figure 34.
Figure 34:
Suggested FN Package PCB Layout
Note(s):
1. All linear dimensions are in millimeters.
2. This drawing is subject to change without notice.
0.35
y 6
2.70
1.20
0.65
0.65
1.20
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41