| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD3721 Fiches technique(PDF) 55 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD3721 Fiches technique(HTML) 55 Page - OSRAM GmbH |
|
55 / 89 page ![]() Page 54 Datasheet, Public Document Feedback [v3-00] 2023-May-26 TMD3721 − Register O ver view For applications with high optical proximity crosstalk (the emitted IR optical signal appears at the IR sensor), the offset range can be extended in discrete steps. To determine the best range extension step for the application, a proximity calibration cycle is initiated and the resulting proximity offset is captured in the POFFSET /POFFSET_SIGN registers. CALIBCFG Register (Address 0xD9) Figure 75: CALIBCFG Register Addr: 0xD9 CALIBCFG Bit Bit Name Default Access Bit Description 7:5 BINSRCH_ TARGET 010 RW Proximity offset calibration result target. Value PDATA Target 0 (000) 3 1 (001) 7 2 (010) 15 3 (011) 31 4 (100) 63 5 (101) 127 6 (110) 255 7 (111) 511 4 Reserved 1 RW Reserved. Must be set to default value. 3 PROX_AUTO_ OFFSET_ ADJUST 0RW If set, then in proximity mode, whenever an ADC measurement yield zero, the pertinent offset register will be decreased. Will set the OFFSET_ADJUSTED flag if it happened. Note that if a diode is disabled, this mechanism is disabled as well. |