| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD3721 Fiches technique(PDF) 76 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD3721 Fiches technique(HTML) 76 Page - OSRAM GmbH |
|
76 / 89 page ![]() Datasheet, Public Page 75 [v3-00] 2023-May-26 Document Feedback TMD3721 − Package Drawings & Markings Figure 109: TMD3721 Package Drawings Note(s): 1. All linear dimensions are in millimeters. 2. Dimension tolerances are ±0.05mm unless otherwise noted. 3. Contact finish is Au. 4. This package contains no lead (Pb). 5. This drawing is subject to change without notice. Package Drawings & Markings Green RoHS |