Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD3721 Fiches technique(PDF) 77 Page - OSRAM GmbH

No de pièce TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3721 Fiches technique(HTML) 77 Page - OSRAM GmbH

Back Button TMD3721 Datasheet HTML 73Page - OSRAM GmbH TMD3721 Datasheet HTML 74Page - OSRAM GmbH TMD3721 Datasheet HTML 75Page - OSRAM GmbH TMD3721 Datasheet HTML 76Page - OSRAM GmbH TMD3721 Datasheet HTML 77Page - OSRAM GmbH TMD3721 Datasheet HTML 78Page - OSRAM GmbH TMD3721 Datasheet HTML 79Page - OSRAM GmbH TMD3721 Datasheet HTML 80Page - OSRAM GmbH TMD3721 Datasheet HTML 81Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
Page 76
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Pack age Drawings & Mark ings
Recommended PCB Pad Layout
Suggested PCB pad layout guidelines for the surface mount
module are shown. Flash Gold is recommended as a surface
finish for the landing pads.
Figure 110:
Recommended PCB Pad Layout
Note(s):
1. All linear dimensions are in millimeters.
2. Dimension tolerances are 0.05mm unless otherwise noted.
3. This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89