| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS37727FN Fiches technique(PDF) 36 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37727FN Fiches technique(HTML) 36 Page - OSRAM GmbH |
|
36 / 51 page ![]() ams Datasheet Page 35 [v1-01] 2018-Mar-14 Document Feedback TCS3772 − Register Description ID Register (0x12) The ID Register provides the value for the part number. The ID register is a read-only register. Figure 43: ID Register Status Register (0x13) The STATUS Register provides the internal status of the device. This register is read only. Figure 44: Status Register 7 6 543 2 1 0 ID Field Bits Description ID 7:0 Part number identification 0x40 = TCS37725 0x49 = TCS37727 7 654 3 2 1 0 Reserved PINT AINT Reserved PVALID AVALID Field Bits Description Reserved 7:6 Reserved. PINT 5 Proximity Interrupt. AINT 4 Clear channel Interrupt. Reserved 3:2 Reserved. PVALID 1 Proximity Valid. Indicates that a proximity cycle has completed since PEN was asserted. AVALID 0 RGBC Valid. Indicates that the RGBC cycle has completed since AEN was asserted. |