| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS37727FN Fiches technique(PDF) 23 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37727FN Fiches technique(HTML) 23 Page - OSRAM GmbH |
|
23 / 51 page ![]() Page 22 ams Datasheet Document Feedback [v1-01] 2018-Mar-14 TCS3772 − Principles of Operation Figure 27: Detailed State Diagram Note(s): 1. There is a 2.4 ms warm‐up delay if PON is enabled. If PON is not enabled, the device will return to the Sleep state as shown. 2. PON, PEN, WEN, and AEN are fields in the Enable register (0x00). |