Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS37727FN Fiches technique(PDF) 33 Page - OSRAM GmbH

No de pièce TCS37727FN
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37727FN Fiches technique(HTML) 33 Page - OSRAM GmbH

Back Button TCS37727FN Datasheet HTML 29Page - OSRAM GmbH TCS37727FN Datasheet HTML 30Page - OSRAM GmbH TCS37727FN Datasheet HTML 31Page - OSRAM GmbH TCS37727FN Datasheet HTML 32Page - OSRAM GmbH TCS37727FN Datasheet HTML 33Page - OSRAM GmbH TCS37727FN Datasheet HTML 34Page - OSRAM GmbH TCS37727FN Datasheet HTML 35Page - OSRAM GmbH TCS37727FN Datasheet HTML 36Page - OSRAM GmbH TCS37727FN Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − Register Description
Persistence Filter Register (0x0C)
The PERSISTENCE FILTER register controls the filtering interrupt
capabilities of the device. Configurable filtering is provided to
allow interrupts to be generated after each integration cycle or
if the integration has produced a result that is outside of the
values specified by the threshold register for some specified
amount of time. Separate filtering is provided for proximity and
the clear channel.
Figure 39:
Persistence Filter Register
7
6
543
2
1
0
PPERS
APERS
Field
Bits
Description
PPERS
7:4
Proximity interrupt persistence. Controls rate of proximity interrupt to the host
processor.
FIELD VALUE
INTERRUPT PERSISTENCE FUNCTION
0000
Every proximity cycle generates an interrupt
0001
1 proximity value out of range
0010
2 consecutive proximity values out of range
...
...
1111
15 consecutive proximity values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51