Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3772 Fiches technique(PDF) 42 Page - OSRAM GmbH

No de pièce TCS3772
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3772 Fiches technique(HTML) 42 Page - OSRAM GmbH

Back Button TCS3772 Datasheet HTML 38Page - OSRAM GmbH TCS3772 Datasheet HTML 39Page - OSRAM GmbH TCS3772 Datasheet HTML 40Page - OSRAM GmbH TCS3772 Datasheet HTML 41Page - OSRAM GmbH TCS3772 Datasheet HTML 42Page - OSRAM GmbH TCS3772 Datasheet HTML 43Page - OSRAM GmbH TCS3772 Datasheet HTML 44Page - OSRAM GmbH TCS3772 Datasheet HTML 45Page - OSRAM GmbH TCS3772 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
ams Datasheet
Page 41
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Carrier Tape & Reel Information
Figure 51:
Package FN Carrier Tape
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing A0, B0, and K0 are defined in ANSI EIA Standard 481-B 2001.
4. Each reel is 178 millimeters in diameter and contains 3500 parts.
5. ams packaging tape and reel conform to the requirements of EIA Standard 481-B.
6. In accordance with EIA standard, device pin 1 is located next to sprocket holes in the tape.
7. This drawing is subject to change without notice.
Carrier Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51