| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3772 Fiches technique(PDF) 39 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3772 Fiches technique(HTML) 39 Page - OSRAM GmbH |
|
39 / 51 page ![]() Page 38 ams Datasheet Document Feedback [v1-01] 2018-Mar-14 TCS3772 − Application Information: Hardware Figure 48: Proximity Sensing Using Single Power Supply VBUS in the above figures refers to the I²C bus voltage which is either VDD or 1.8 V. Be sure to apply the specified I²C bus voltage shown in the Available Options table for the specific device being used. The I²C signals and the Interrupt are open-drain outputs and require pull-up resistors. The pull-up resistor (RP) value is a function of the I²C bus speed, the I²C bus voltage, and the capacitive load. The ams EVM running at 400 kbit/s, uses 1.5-k Ω resistors. A 10-k Ω pull-up resistor (RPI) can be used for the interrupt line. |