Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3772 Fiches technique(PDF) 36 Page - OSRAM GmbH

No de pièce TCS3772
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3772 Fiches technique(HTML) 36 Page - OSRAM GmbH

Back Button TCS3772 Datasheet HTML 32Page - OSRAM GmbH TCS3772 Datasheet HTML 33Page - OSRAM GmbH TCS3772 Datasheet HTML 34Page - OSRAM GmbH TCS3772 Datasheet HTML 35Page - OSRAM GmbH TCS3772 Datasheet HTML 36Page - OSRAM GmbH TCS3772 Datasheet HTML 37Page - OSRAM GmbH TCS3772 Datasheet HTML 38Page - OSRAM GmbH TCS3772 Datasheet HTML 39Page - OSRAM GmbH TCS3772 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
ams Datasheet
Page 35
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Register Description
ID Register (0x12)
The ID Register provides the value for the part number. The ID
register is a read-only register.
Figure 43:
ID Register
Status Register (0x13)
The STATUS Register provides the internal status of the device.
This register is read only.
Figure 44:
Status Register
7
6
543
2
1
0
ID
Field
Bits
Description
ID
7:0
Part number identification
0x40 = TCS37725
0x49 = TCS37727
7
654
3
2
1
0
Reserved
PINT
AINT
Reserved
PVALID
AVALID
Field
Bits
Description
Reserved
7:6
Reserved.
PINT
5
Proximity Interrupt.
AINT
4
Clear channel Interrupt.
Reserved
3:2
Reserved.
PVALID
1
Proximity Valid. Indicates that a proximity cycle has completed since PEN was
asserted.
AVALID
0
RGBC Valid. Indicates that the RGBC cycle has completed since AEN was asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51