Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS37209 Fiches technique(PDF) 84 Page - OSRAM GmbH

No de pièce TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Fiches technique(HTML) 84 Page - OSRAM GmbH

Back Button TCS37209 Datasheet HTML 80Page - OSRAM GmbH TCS37209 Datasheet HTML 81Page - OSRAM GmbH TCS37209 Datasheet HTML 82Page - OSRAM GmbH TCS37209 Datasheet HTML 83Page - OSRAM GmbH TCS37209 Datasheet HTML 84Page - OSRAM GmbH TCS37209 Datasheet HTML 85Page - OSRAM GmbH TCS37209 Datasheet HTML 86Page - OSRAM GmbH TCS37209 Datasheet HTML 87Page - OSRAM GmbH TCS37209 Datasheet HTML 88Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
Datasheet, Public
Page 83
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Document Status
Other Definitions
Draft / Preliminary:
The draft / preliminary status of a document indicates that the content is still under internal review and subject to change without notice.
ams-OSRAM AG does not give any warranties as to the accuracy or completeness of information included in a draft / preliminary version of
a document and shall have no liability for the consequences of use of such information.
Short Datasheet:
A short datasheet is intended for quick reference only, it is an extract from a full datasheet with the same product number(s) and title. For
detailed and full information always see the relevant full datasheet. In case of any inconsistency or conflict with the short datasheet, the full
datasheet shall prevail.
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88